Part Number Hot Search : 
TLE44 2SC49 104J1 SP3085E SC11485 D74HCT1 HD4043 HCT138
Product Description
Full Text Search
 

To Download STP80N06-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STP80N06-10
N - CHANNEL ENHANCEMENT MODE "ULTRA HIGH DENSITY" POWER MOS TRANSISTOR
PRELIMINARY DATA TYPE STP80N06-10
s s s s s s s
V DSS 60 V
R DS(on) < 0.010
ID 80 A
TYPICAL RDS(on) = 8.5 m AVALANCHE RUGGED TECHNOLOGY 100% AVALANCE TESTED HIGH CURRENT CAPABILITY 175 oC OPERATING TEMPERATURE HIGH dV/dt RUGGEDNESS APPLICATION ORIENTED CHARACTERIZATION TO-220
3 1 2
APPLICATIONS s HIGH CURRENT, HIGH SPEED SWITCHING s PWM MOTOR CONTROL s DC-DC & DC-AC CONVERTER s SYNCROUNOUS RECTIFICATION
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V DS VDGR V GS ID ID I DM (*) P tot dV/dt(1) T stg Tj Parameter Drain-source Voltage (V GS = 0) Drain- gate Voltage (R GS = 20 k) Gate-source Voltage Drain Current (continuous) at T c = 25 C Drain Current (continuous) at T c = 100 C Drain Current (pulsed) Total Dissipation at T c = 25 o C Derating Factor Peak Diode Recovery voltage slope Storage Temperature Max. Operating Junction Temperature
o o
Value 60 60 20 80 60 320 150 1 5 -65 to 175 175
Unit V V V A A A W W/ o C V/ns
o o
C C
(*) Pulse width limited by safe operating area
March 1996
1/5
STP80N06-10
THERMAL DATA
R thj-case R thj-amb R thc-sink Tl Thermal Resistance Junction-case Thermal Resistance Junction-ambient Thermal Resistance Case-sink Maximum Lead Temperature For Soldering Purpose Max Max Typ 1 62.5 0.5 300
o o
C/W C/W o C/W o C
AVALANCHE CHARACTERISTICS
Symbol I AR E AS EAR I AR Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by T j max, < 1%) Single Pulse Avalanche Energy (starting T j = 25 o C, ID = I AR , V DD = 25 V) Repetitive Avalanche Energy (pulse width limited by T j max, < 1%) Avalanche Current, Repetitive or Not-Repetitive (T c = 100 o C, pulse width limited by T j max, < 1%) Max Value 60 600 150 60 Unit A mJ mJ A
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symbol V (BR)DSS I DSS I GSS Parameter Drain-source Breakdown Voltage Test Conditions I D = 250 A VGS = 0 Min. 60 250 1000 100 Typ. Max. Unit V A A nA
Zero Gate Voltage V DS = Max Rating Drain Current (V GS = 0) V DS = Max Rating x 0.8 Gate-body Leakage Current (V DS = 0) V GS = 20 V
T c = 125 o C
ON ()
Symbol V GS(th) R DS(on) ID(on) Parameter Gate Threshold Voltage V DS = VGS Static Drain-source On Resistance Test Conditions ID = 250 A T c = 100o C 80 Min. 2 Typ. 3 0.0085 Max. 4 0.01 0.02 Unit V A
V GS = 10V I D = 40 A V GS = 10V I D = 40 A
On State Drain Current V DS > I D(on) x R DS(on)max V GS = 10 V
DYNAMIC
Symbol g fs () C iss C oss C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions V DS > I D(on) x R DS(on)max V DS = 25 V f = 1 MHz I D = 40 A V GS = 0 Min. Typ. 25 5900 900 230 Max. Unit S pF pF pF
2/5
STP80N06-10
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbol t d(on) tr (di/dt) on Parameter Turn-on Time Rise Time Turn-on Current Slope Test Conditions V DD = 30 V I D = 40 A R G = 4.7 V GS = 10 V (see test circuit, figure 3) V DD = 48 V I D = 80 A R G =50 V GS = 10 V (see test circuit, figure 5) V DD = 40 V I D = 80 A V GS = 10 V Min. Typ. 32 160 240 Max. 42 200 Unit ns ns A/s
Qg Q gs Q gd
Total Gate Charge Gate-Source Charge Gate-Drain Charge
230 30 60
280
nC nC nC
SWITCHING OFF
Symbol t r(Voff) tf tc Parameter Off-voltage Rise Time Fall Time Cross-over Time Test Conditions V DD = 48 V I D = 40 A R G = 4.7 V GS = 10 V (see test circuit, figure 5) Min. Typ. 35 175 240 Max. 46 230 300 Unit ns ns ns
SOURCE DRAIN DIODE
Symbol I SD I SDM (*) V SD () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD = 80 A I SD = 80 A V GS = 0 di/dt = 100 A/s 125 0.6 10 Test Conditions Min. Typ. Max. 80 320 1.5 Unit A A V ns C A
T j = 150 o C V R = 30 V (see test circuit, figure 5)
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area (1) ISD 60 A, di/dt 200 A/s, VDD V(BR)DSS, TJ TJMAX
3/5
STP80N06-10
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147 4.40 1.23 2.40 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 0.645 0.551 0.116 0.620 0.260 0.154 0.151 mm TYP. MAX. 4.60 1.32 2.72 MIN. 0.173 0.048 0.094 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 inch TYP. MAX. 0.181 0.051 0.107
A
C
D1
L2
F1
D
G1
E
Dia. L5 L7 L6 L4
P011C
L9
4/5
F2
F
G
H2
STP80N06-10
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1995 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A ...
5/5


▲Up To Search▲   

 
Price & Availability of STP80N06-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X